|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
EURO QUARTZ EQXP-LC72 SERIES Features * * * * * * Extremely low jitter Low cost Express delivery Stability from 20ppm, -40 to +85C RoHS compliant Serial ID with comprehensive traceability LVDS 7x5mm 2.5V OSCILLATOR Freq: 0.75MHz to 1.0GHz OUTLINE & DIMENSIONS Description The XPRESSO range of fully configurable oscillators utilizes a family of proprietary ASICs developed for noise reduction to provide oscillators with noise levels comparable to traditional bulk-produced quartz and SAW-based oscillators. XPRESSO oscillators are low-cost, low-noise, with a wide frequency range, excellent ambient performance and available on very short leadtimes. All XPRESSO oscillators are 100% final tested . Typical applications * Any application requiring an oscillator. * SONET * Ethernet * Storage Area Networks * Broadband Access * Microprocessors/DSP/FPGA * Industrial Controllers * Test and measurement * Fibre Channel Electrical Specification Frequency Range: Frequency stability: Operating Temperature Range: Storage Temperature Range: Supply Voltage: Input Current 0.75 ~ 20.0MHz: 20+ ~ 220.0MHz: 220+ ~ 630.0MHz: 630+ ~ 1.0GHz: Output Symmetry: Rise/Fall Time: Differential Output Voltage: Output Offset Voltage: Output Load: Start-up Time: Output Enable/Disable Time: Maximum Soldering Parameters: Moisture Sensitivity Level: Termination Finish: 0.750MHz ~ 1.0GHz from 20ppm to 100ppm -40 ~ +85C -55 ~ +125C +2.5Volts 5% 26mA 34mA 44mA 65mA 45/55% 400ps 0.4 Volts typical 1.25 Volts typical 100W typical 10ms 100ns 260C for 10 seconds 1 Au Supply Format Tape and Reel, 16mm tape, 8.0mm pitch, 1k reel = 178mmO 2k reel = 255mmO Model Selection Guide EQXP - L C 7 2 0 R - 781.250000 L = LVDS C = Ceramic 7 = 7 x 5mm 2 = 2.5V 0 5 6 8 Frequency Blank = -20~+70C R = -40 ~ +85C = + = = 100ppm 50ppm 25ppm 20ppm (-20~+70 only) Jitter Measurements Rj/Dj Composition Frequency Phase Jitter Time Interval Error Random Deterministic Total Jitter (Tj) (14*Rj)+Dj Jitter (Dj) (MHz) (12kHz~20MHz) s of jitter distribution Jitter (Rj) (ps) (ps p-p) (ps RMS) (ps RMS) (ps RMS) 62.5 156.25 212.50 622.08 2.12 1.04 0.35 1.30 3.1 3.5 4.2 3.7 1.35 1.40 1.42 1.18 8.4 9.2 10.9 10.4 27.6 29.2 31.2 27.2 EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk |
Price & Availability of EQXP-LC72 |